Part Number Hot Search : 
07N60 RT1P141C ST330C16 ISP1506A LS3550 ECWF2474 LOL29K PI74A
Product Description
Full Text Search
 

To Download 72516-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0387206316 Active
9.53mm (.375") Pitch BeauTM PCB Terminal Strip, without Mounting Ends, 16 Circuits
Product Specification PS-38710-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Name Type Terminal Blocks 38720 Wire-to-Board One Piece Fixed Mount Barrier Barrier Strip image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG Wire Size mm 16 16 Black Horizontal None Brass Tin Tin Polyester 1 Horizontal 0.190 In 4.80 mm None 0.125 In 3.18 mm No 0.375 In 9.53 mm 0.375 In 9.53 mm 150 3.75 150 3.75 No Dual-Barrier No No -40C to +130C 14, 16, 18, 20, 22 0.50 - 1.50
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 38720Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 72516-C
Reference - Drawing Numbers
Product Specification Sales Drawing PS-38710-001 SD-38720-002
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 72516-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X